Part Number Hot Search : 
TLP3103 BR13003 C3155A BAS70 TC9083 B1100 MRF2001M GC2003
Product Description
Full Text Search
 

To Download 11DQ04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
:11DQ04 Type :11DQ04
OUTLINE DRAWING OUTLINE DRAWING
FEATURES
* Miniature Size * Low Forward Voltage drop * Low Power Loss, High Efficiency * High Surge Capability * 40 Volts thru 100 Volts Types Available * 52mm Inside Tape Spacing Package Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Without Fin or Average Rectified P.C.Board Output Current P.C.Board mounted RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Symbol VRRM VRSM IO IF(RMS) IFSM Tjw Tstg Symbol IRM VFM 40 1.0 1.0
Approx Net Weight:0.32g 11DQ04 40 45 Ta=32C* Ta=73C* 50Hz Half Sine Wave Resistive Load Unit V V A A A C C Unit mA V C/W
1.57 50Hz Half Sine Wave,1cycle, Non-repetitive - 40 to + 150 - 40 to + 150 Conditions Min. Typ. Max. 1 0.55 130 81
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A Without Fin or P.C.Board Thermal Resistance (Junction to Ambient) Rth(j-a) P.C.Board mounted *:Print Lands=5x5mm,Both Sides
11DQ04 OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of 11DQ04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X